Part Number Hot Search : 
SR10070 IRU1260 HL6724MG 10N15 105L2 MBRS1 AS100 M74HC3
Product Description
Full Text Search
 

To Download K2624LS Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  any and all sanyo products described or contained herein do not have specifications that can handle applications that require extremely high levels of reliability, such as life-support systems, aircraft? control systems, or other applications whose failure can be reasonably expected to result in serious physical and/or material damage. consult with your sanyo representative nearest you before using any sanyo products described or contained herein in such applications. sanyo assumes no responsibility for equipment failures that result from using products at values that exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges,or other parameters) listed in products specifications of any and all sanyo products described or contained herein. n-channel silicon mosfet ultrahigh-speed switching applications ordering number:enn5404b 2sK2624LS sanyo electric co.,ltd. semiconductor company tokyo office tokyo bldg., 1-10, 1 chome, ueno, taito-ku, tokyo, 110-8534 japan n2000ts (koto) ta-2884 no.5404C1/4 specifications absolute maximum ratings at ta = 25?c package dimensions unit:mm 2078b [2sK2624LS] ?c ?c electrical characteristics at ta = 25?c 1 : gate 2 : drain 3 : source sanyo : to220fi-ls tc=25?c continued on next page. features low on-resistance. low qg. 3.5 7.2 16.0 16.1 3.6 10.0 0.9 1.2 14.0 0.75 4.5 2.8 0.6 1.2 2.4 2.55 2.55 1 2 3 3.2 0.7 r e t e m a r a pl o b m y ss n o i t i d n o cs g n i t a rt i n u e g a t l o v e c r u o s - o t - n i a r dv s s d 0 0 6v e g a t l o v e c r u o s - o t - e t a gv s s g 0 3 v ) c d ( t n e r r u c n i a r di d 3a ) e s l u p ( t n e r r u c n i a r di p d 2 1a n o i t a p i s s i d r e w o p e l b a w o l l ap d 0 . 2w 5 2w e r u t a r e p m e t l e n n a h ch c t 0 5 1 e r u t a r e p m e t e g a r o t sg t s t 0 5 1 + o t 5 5 C r e t e m a r a pl o b m y ss n o i t i d n o c s g n i t a r t i n u n i mp y tx a m e g a t l o v n w o d k a e r b e c r u o s - o t - n i a r dv s s d ) r b ( i d v , a m 1 = s g 0 =0 0 6v t n e r r u c n i a r d e g a t l o v e t a g - o r e zi s s d v s d v , v 0 0 6 = s g 0 =0 . 1a m t n e r r u c e g a k a e l e c r u o s - o t - e t a gi s s g v s g v , v 0 3 = s d 0 =0 0 1 a n e g a t l o v f f o t u cv s g ) f f o (v s d i , v 0 1 = d a m 1 =5 . 35 . 5v e c n a t t i m d a r e f s n a r t d r a w r o f| s f y |v s d i , v 0 1 = d a 8 . 1 =0 . 10 . 2s e c n a t s i s e r e t a t s - n o e c r u o s - o t - n i a r d c i t a t sr s d ) n o (v s g i , v 5 1 = d a 8 . 1 =0 . 26 . 2 w e c n a t i c a p a c t u p n is s i cv s d z h m 1 = f , v 0 2 =0 5 5f p e c n a t i c a p a c t u p t u os s o cv s d z h m 1 = f , v 0 2 =5 6 1f p e c n a t i c a p a c r e f s n a r t e s r e v e rs s r cv s d z h m 1 = f , v 0 2 =5 8f p pw 10 m s, duty cycle 1%
2sK2624LS no.5404C2/4 continued from preceding page. switching time test circuit pw=1 s d.c. 0.5% p. g r gs 50 g s i d =1.8a r l =111 v dd =200v v gs =15v v out 2sK2624LS d 25 c 75 c 0 i d -- v gs 3.0 3.5 4.0 4.5 5.0 2.5 2.0 1.5 0.5 1.0 0 0 2 6 12 14 16 18 10 820 4 v ds =10v 0 i d -- v ds 4.0 3.5 3.0 2.5 2.0 1.5 1.0 0.5 24 810 6 13 79 5 v gs =6v 10v 15v 8v 7v tc=--25 c it01020 it01021 tc=25 c i d =3.0a 1.8a 1.0a 0 r ds (on) -- v gs 2.5 3.0 3.5 4.0 2.0 1.5 1.0 8 21220 14 16 18 610 4 it01022 i d =1.8a, v gs =15v i d =1.8a, v gs =10v -- 5 0 r ds (on) -- tc 2.5 3.0 3.5 4.0 4.5 5.0 5.5 6.0 7.0 6.5 2.0 1.5 1.0 0.5 0 50 --25 150 25 75 100 125 0 it01023 drain current, i d ? drain-to-source voltage, v ds ? drain current, i d ? gate-to-source voltage, v gs ? gate-to-source voltage, v gs ? static drain-to-source on-state resistance, r ds (on) w static drain-to-source on-state resistance, r ds (on) w case temperature, tc ?c r e t e m a r a pl o b m y ss n o i t i d n o c s g n i t a r t i n u n i mp y tx a m e g r a h c e t a g l a t o tg qv s d v , v 0 0 2 = s g i , v 0 1 = d a 3 =5 1c n e m i t y a l e d n o - n r u tt ) n o ( d t i u c r i c t s e t d e i f i c e p s e e s7 1s n e m i t e s i rt r t i u c r i c t s e t d e i f i c e p s e e s7 1s n e m i t y a l e d f f o - n r u tt ) f f o ( d t i u c r i c t s e t d e i f i c e p s e e s0 4s n e m i t l l a ft f t i u c r i c t s e t d e i f i c e p s e e s2 2s n e g a t l o v d r a w r o f e d o i dv d s i s v , a 3 = s g 0 =8 9 . 02 . 1v
2sK2624LS no.5404C3/4 operation in this area is limited by r ds (on). 10 s <10 s 100 s 100ms 1ms 10ms dc operation i dp =12a i d =3a tc=25 c single pulse forward bias a s o 1.0 0.1 0.01 3 10 2 5 7 3 2 5 7 3 2 5 7 3 2 5 7 100 1.0 23 57 10 23 57 100 23 57 1000 it01029 2.5 2.0 1.5 1.0 0.5 0 0 20 40 60 80 100 120 140 160 p d -- ta it01031 30 25 20 15 10 5 0 0 20 40 60 80 100 120 140 160 p d -- tc it01030 0 ciss, coss, crss -- v ds 2 5 1000 100 3 10 7 2 5 3 7 51015202530 it01028 coss ciss crss f=1mhz t d (on) t d (off) t f t r 7 5 3 2 100 7 5 3 2 10 1.0 57 3 25 1.0 sw time -- i d it01027 v dd =200v v gs =15v i f -- v sd 0.1 100 0.001 10 0.01 2 3 5 7 2 3 5 7 2 3 5 7 2 3 5 7 2 3 5 7 1.0 0 0.3 0.6 1.5 0.9 1.2 v gs =0 it01026 tc=75 c -- 2 5 c 25 c --50 --25 0 v gs (off) -- tc 5 6 2 1 3 4 50 100 150 0 25 75 125 tc=--25 c 25 c 75 c it01025 v ds =10v v ds =10v i d =1ma ? yfs ? -- i d 5 10 1.0 2 3 0.1 7 5 2 3 7 0.1 7 3 1.0 25 7 3 25 10 it01024 forward transfer admittance, | y fs | s drain current, i d ? case temperature, tc ?c cutoff voltage, v gs (off) v forward current, i f ? diode forward voltage, v sd ? switching time, sw time ns drain current, i d ? ciss, coss, crss pf drain-to-source voltage, v ds v drain-to-source voltage, v ds ? drain current ,i d ? allowable power dissipation, p d ? allowable power dissipation, p d ? ambient temperature, ta ?c case temperature, tc ?c
specifications of any and all sanyo products described or contained herein stipulate the performance, characteristics, and functions of the described products in the independent state, and are not guarantees of the performance, characteristics, and functions of the described products as mounted in the customer's products or equipment. to verify symptoms and states that cannot be evaluated in an independent device, the customer should always evaluate and test devices mounted in the customer's products or equipment. sanyo electric co., ltd. strives to supply high-quality high-reliability products. however, any and all semiconductor products fail with some probability. it is possible that these probabilistic failures could give rise to accidents or events that could endanger human lives, that could give rise to smoke or fire, or that could cause damage to other property. when designing equipment, adopt safety measures so that these kinds of accidents or events cannot occur. such measures include but are not limited to protective circuits and error prevention circuits for safe design, redundant design, and structural design. in the event that any or all sanyo products(including technical data,services) described or contained herein are controlled under any of applicable local export control laws and regulations, such products must not be exported without obtaining the export license from the authorities concerned in accordance with the above law. no part of this publication may be reproduced or transmitted in any form or by any means, electronic or mechanical, including photocopying and recording, or any information storage or retrieval system, or otherwise, without the prior written permission of sanyo electric co. , ltd. any and all information described or contained herein are subject to change without notice due to product/technology improvement, etc. when designing equipment, refer to the "delivery specification" for the sanyo product that you intend to use. information (including circuit diagrams and circuit parameters) herein is for example only ; it is not guaranteed for volume production. sanyo believes information herein is accurate and reliable, but no guarantees are made or implied regarding its use or any infringements of intellectual property rights or other rights of third parties. this catalog provides information as of november, 2000. specifications and information herein are subject to change without notice. 2sK2624LS ps no.5404C4/4


▲Up To Search▲   

 
Price & Availability of K2624LS

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X